PART |
Description |
Maker |
3-1640240-4 |
Matrix Series Ball Grid Array ( BGA ) Sockets; 2401 POSITION BGA SOCKET ASSEM ( Tyco Electronics )
|
Tyco Electronics
|
CXK77P36E160GB-43BE CXK77P18E160GB-4BE CXK77P18E16 |
1M X 18 STANDARD SRAM, 3.7 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.5 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 3.8 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 1M X 18 STANDARD SRAM, 4.1 ns, PBGA119 14 X 22 MM, 1.27 MM PITCH, BGA-119 16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18) 16Mb的龙运RL HSTL高速同步静态存储器(为512k × 3600万18 CAP 820PF 50V 20% X7R SMD-0603 TR-7 PLATED-NI/SN
|
http:// Yuasa Battery, Inc. Integrated Circuit Technology Corp Microsemi, Corp. Sony, Corp. Sony Corporation
|
FDZ4670 |
N-Channel PowerTrench?MOSFET BGA 30V, 25A, 2.5mΩ N-Channel PowerTrench㈢MOSFET BGA 30V, 25A, 2.5mヘ
|
Fairchild Semiconductor
|
IA1215S IA1215D IA1212D IA1209S IA0509D IA0509S IA |
Analog IC 模拟IC 316 POS BGA EXT. SOCKET 316 POS 1.27MM BGA EXT. SOCKET 313 POS 1.27MM BGA EXT. SOCKET
|
Electronic Theatre Controls, Inc. XP Power, Ltd.
|
1MGS548-673GG 1MGS548-636GG 1FGS548-636GG 1FGS548- |
BGA548, IC SOCKET 387 POS 1.27MM BGA SOCKET BGA387, IC SOCKET 500 POS 1.27MM BGA EXT. SOCKET BGA500, IC SOCKET BGA476, IC SOCKET BGA731, IC SOCKET BGA736, IC SOCKET BGA72, IC SOCKET BGA240, IC SOCKET BGA404, IC SOCKET BGA516, IC SOCKET BGA400, IC SOCKET BGA169, IC SOCKET BGA168, IC SOCKET BGA409, IC SOCKET BGA160, IC SOCKET BGA1036, IC SOCKET BGA672, IC SOCKET BGA665, IC SOCKET BGA361, IC SOCKET BGA553, IC SOCKET BGA353, IC SOCKET BGA315, IC SOCKET BGA496, IC SOCKET BGA49, IC SOCKET BGA493, IC SOCKET 316 POS 1.27MM BGA EXT. SOCKET BGA618, IC SOCKET BGA108, IC SOCKET BGA121, IC SOCKET BGA292, IC SOCKET BGA120, IC SOCKET BGA1284, IC SOCKET BGA84, IC SOCKET BGA838, IC SOCKET BGA144, IC SOCKET BGA648, IC SOCKET BGA1152, IC SOCKET BGA503, IC SOCKET BGA580, IC SOCKET BGA824, IC SOCKET BGA324, IC SOCKET BGA225, IC SOCKET BGA385, IC SOCKET BGA615, IC SOCKET BGA384, IC SOCKET BGA153, IC SOCKET BGA528, IC SOCKET BGA233, IC SOCKET BGA1225, IC SOCKET BGA673, IC SOCKET BGA256, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
TSC51C2XXX-12IB TSC51C2XXX-16IB TSC51C2XXX-A12IB T |
IC MAX 7000 CPLD 512 208-PQFP IC MAX IIZ CPLD 570 LE 256-MBGA IC MAX 7000 CPLD 512 256-FBGA 484-pin FineLine BGA RoHS Compliant: Yes 956-pin BGA RoHS Compliant: Yes IC,FPGA,32470-CELL,CMOS,BGA,1020PIN,PLASTIC FPGA Logic IC Logic Type:FPGA; No. of Macrocells:726; Package/Case:1020-BGA; Leaded Process Compatible:No; Number of Circuits:32; IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC No. of Macrocells:192; No. of Pins:68; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:192; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:7.5ns RoHS Compliant: Yes; No. of Macrocells:160; No. of Pins:84; Operating Temp. Max:70 C; Operating Temp. Min:0 C; Propagation Delay:10ns RoHS Compliant: Yes; No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; 8-BIT MICROCONTROLLER 8位微控制 IC MAX 7000 CPLD 128 100-PQFP 8位微控制 IC MAX 7000 CPLD 160 84-PLCC 8位微控制
|
TE Connectivity, Ltd. Diodes, Inc. Semtech, Corp.
|
IBM25PPC740-DB0M2660 IBM25PPC740-EB0M2660 IBM25PPC |
32-BIT, 266 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 233 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 200 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 25 X 25 MM, 1.27 MM PITCH, CERAMIC, BGA-360
|
Japan Aviation Electronics Industry, Ltd.
|
AS7C251MPFD18A-133BC AS7C251MPFD18A-133BCN |
1M X 18 STANDARD SRAM, 3.8 ns, PBGA165 BGA-165 1M X 18 STANDARD SRAM, 3.8 ns, PBGA165 LEAD FREE, BGA-165
|
Alliance Semiconductor, Corp.
|
MT49H8M32BM-4 MT49H8M32FM-4 |
8M X 32 DDR DRAM, PBGA144 11 X 18.50 MM, LEAD FREE, MICRO, BGA-144 8M X 32 DDR DRAM, PBGA144 11 X 18.50 MM, MICRO, BGA-144
|
NEC, Corp.
|
AT49BV160-90CI AT49BV161-70CI AT49BV161-90CI AT49B |
EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|48PIN|PLASTIC EEPROM|FLASH|1MX16/2MX8|CMOS|BGA|45PIN|PLASTIC 的EEPROM | FLASH动画| 1MX16/2MX8 |的CMOS | BGA封装| 45PIN |塑料
|
ATM Electronic, Corp.
|
GS8322Z72C-225T GS8322Z72GC-225T GS8322Z18B-225IT |
512K X 72 ZBT SRAM, 7 ns, PBGA209 14 X 22 MM, 1 MM PITCH, BGA-209 512K X 72 ZBT SRAM, 7 ns, PBGA209 14 X 22 MM, 1 MM PITCH, ROHS COMPLIANT, BGA-209 2M X 18 ZBT SRAM, 7 ns, PBGA119
|
GSI Technology, Inc.
|
|